Part Number Hot Search : 
LC86323 LTC3851 NGAANUA A3515 BL8023 BAT54A HPL1005 ES51978Q
Product Description
Full Text Search
 

To Download AML59P4512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model number # AML59P4512 eccn # 3a001.b.4.b features: ? internal voltage regulator, reverse voltage protection, and dc filter feed through are included. ? amplifier is in hermetically sealed housing with field removable sma (f) connectors. ? atp (100%) testing includes gain, flatness, nf, psat, vswr, and dc current measurement at room temperature. ? dimensions: 2.45 x 2.09 x 0.41 electrical specifications: parameter min typ max units frequency range 5.5 9.0 ghz gain 45 db gain flatness vs. freq. ? 4.0 db noise figure 6.0 db psat 44 44.5 dbm psat 28 watts dc voltage 28 v dc current 4.0 a pae 25 % operating temperature -54 +85 c ttl control dc on/off switching speed 50% ttl C 90% rf/10% rf on: 250 ns nom off: 500 ns nom dc power in off condition <10% full rf specifications above are at +25c unless stated otherwise outline: microsemi-rfis (formerly aml) | camarillo, ca | 805-388-1345 | sales.support@microsemi.com | www.microsemi.com specifications are subject to change without notice downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AML59P4512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X